PART |
Description |
Maker |
LTC5541IUHTRPBF LTC554109 |
1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
|
Linear Technology
|
LT5520 LT5520EUF LT5520EUFPBF |
1.3GHz to 2.3GHz High Linearity Upconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16
|
Linear Technology, Corp.
|
ADL5330ACPZ-R2 ADL5330ACPZ-WP ADL5330ACPZ-REEL7 |
1MHz to 3GHz VGA with 60dB Gain Control Range
|
Analog Devices
|
SP8861_NA_HP |
1・3GHz Low Power Single-Chip Frequency Synthesiser
|
Zarlink Semiconductor Inc
|
LTC6421IUDC-20PBF LTC6421IUDC-20TRPBF LTC6421IUDC- |
Dual Matched 1.3GHz Differential Ampliers/ADC Drivers; Package: DFN; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL OP-AMP, 2000 uV OFFSET-MAX, PQCC20 Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
|
Linear Technology, Corp. Linear Integrated Systems
|
FMM1103VJ |
The FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ADF4107BRUZ-REEL7 ADF4107BCPZ-REEL |
PLL Frequency Synthesizer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 7000 MHz, PDSO16 PLL Frequency Synthesizer; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 7000 MHz, QCC20
|
Analog Devices, Inc.
|
PM1210-R039J |
SMD Inductor; Series:PM1210; Inductance:39nH; Inductance Tolerance: /- 5 %; Q Factor:25; Self Resonant Frequency:1.3GHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:450mA; Leaded Process Compatible:No
|
BOURNS INC
|
SP8861 SP8861HP SP8861NAHP |
1・3GHz Low Power Single-Chip Frequency Synthesiser 13GHz Low Power Single-Chip Frequency Synthesiser
|
MITEL[Mitel Networks Corporation]
|
ADF4118BRUZ-RL ADF4118BRUZ-RL7 ADF4118BRU-REEL EVA |
Single, Integer-N, 3.0 GHz PLL; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial PLL FREQUENCY SYNTHESIZER, 3000 MHz, PDSO16 RF PLL Frequency Synthesizers
|
Analog Devices, Inc.
|
ASM5CVF857-40QT ASM5CVF857-48VT ASM5CVF857-48TR AS |
2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) 2.5V的宽范围频率时钟驱动器(60MHz 200MHz的) 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO48 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PBGA56 From old datasheet system
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation
|