IR2135 IR2135J IR2135S IR2233J IR2133 IR2133J IR21 |
3-PHASE BRIDGE DRIVER 3相桥式驱动器 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package
|
International Rectifier, Corp. IRF[International Rectifier]
|