PART |
Description |
Maker |
SG-636PTF SG-636PCE SG-636PCW SG-636PH SG-636PHW S |
Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 高频晶体振荡 Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo 高频晶体振荡 HIGH-FREQUENCY CRYSTAL OSCILLATOR 高频晶体振荡 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 4V; Case Size: 2x1.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 4V; Case Size: 2x1.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 4V; Case Size: 2x1.25 mm; Packaging: Tape & Ammo Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo
|
Electronic Theatre Controls, Inc. Epson ToYoCom ETC[ETC] List of Unclassifed Manufacturers
|
AM29L510PCB AM29L510/BXC AM29510LMB AM29L510DCB |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3086AM with Tape and Reel Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package Universal Active ORing Controller. Controller / driver IC in an SO-8 package for implementation of Active ORing / reverse polarity protection using N-channel Power MOSFETs.; Similar to IR5001S with Lead-Free packaging. 200V Secondary Side High Speed SR Controller in a 8-Lead SOIC Package. Used to drive N-Channel power MOSFETs used as Synchronous Rectifiers in isolated Flyback converters.; Similar to IR1166SPBF with Tape and Reel Packaging. 乘法累加
|
ITT, Corp.
|
G6B-1174C-US G6B-1174CUS12VDC G6B-1174CUS24VDC G6B |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel RESISTOR,1%,6.04K OHM,MTL FILM RELAY SOFTSTART 25A 120VAC ACOUT Analog Input Power Controller Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 超小型继电器,开关多 Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 20V; Case Size: 7.3x2.8 mm; Packaging: Tape & Reel 超小型继电器,开关多 FILTER, SSR 3 PHASE 超小型继电器,开关多 Sub-miniature Relay that Switches up to 5 A 超小型继电器,开关多5
|
Omron http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
NTHS |
Surface Mount Chip NTC Thermistors, Wraparound Terminations, High-Density Monolithic Ceramic Construction, Available in 8 mm Tape and Reel Packaging
|
Vishay
|
KA723 KA723D |
Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Precision Voltage Regulator From old datasheet system Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Packaging: Tape & Reel 2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
KA558D2 KA558B KA558BD KA558 KA558_KA558B |
Tantalum Molded High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Quad Timer From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KA741 KA741D KA741I KA741DTF |
Single Operational Amplifier Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 16V; Packaging: Tape & Reel From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
0878580450 87858-0450 |
2.00mm (.079) Pitch Milli-Grid?/a> Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging 2.00mm (.079) Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
|
Molex Electronics Ltd.
|
0878580460 87858-0460 |
2.00mm (.079) Pitch Milli-Grid?/a> Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging 2.00mm (.079) Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
|
Molex Electronics Ltd.
|
BL-HG433 BL-HG633 BL-HGE33 BL-HG033 BL-HUB33 BL-HX |
SURFACE MOUNT CHIP LED LAMPS 表面贴装芯片LED节能 2.5V 288-mc CPLD - NOT RECOMMENDED for NEW DESIGN 表面贴装芯片LED节能 SWITCH ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Aluminum Polymer-Layered Capacitor; Capacitance: 600uF; Voltage: 6.3V; Case Size: 16.7x12.5 mm; Packaging: Bulk High Speed CMOS Logic Hex Inverters 14-PDIP -55 to 125 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel
|
Yellow Stone, Corp. 早安股份有限公司 ?╁??′唤??????
|
ADG721 ADG721BRM ADG722BRM ADG723BRM ADG722 ADG723 |
4 Ohm, Low Voltage Dual SPST (1NO/1NC) Switch on 8-ld uSOIC CMOS Low Voltage 4 ohm Dual SPST Switches Tantalum Conformal-Coated Capacitor; Capacitance: 100uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 15uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
87891-2818 0878912818 |
2.54mm (.100) Pitch KK? Header, Through Hole, Breakaway, Vertical, 28 Circuits, 0.38μm (15μ) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free 2.54mm (.100) Pitch KK垄莽 Header, Through Hole, Breakaway, Vertical, 28 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free
|
Molex Electronics Ltd.
|