PART |
Description |
Maker |
EXC-24CB102U EXC24CP121U EXC24CP121U-12 EXC24CP221 |
2 mode Noise Filters 2 mode Noise Filters Burst/radiation noise fi ltering for audio circuits
|
Panasonic Semiconductor
|
BC559B BC560C ON0153 BC559C BC559BZL1 |
Low Noise Transistor PNP Low Noise Transistors CASE 29-04, STYLE 17 TO-2 (TO-226AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
2SC4095 2SC4095-T1 2SC4095R 2SC4095R-T2 2SC4095R-T |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
|
NEC[NEC]
|
ST-4 |
MINI-NOISE DIODES 10 KHZ TO 3 GHZ 0.00001 GHz - 3 GHz, SILICON, NOISE DIODE
|
Micronetics, Inc.
|
MAX6225 MAX6225ACPA MAX6225ACSA MAX6225AEPA MAX622 |
Low-Noise Precision 2.5V/ 4.096V/ 5V Voltage References From old datasheet system Low-Noise / Precision / 2.5V/ 4.096V/ 5V Voltage References Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDIP8 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 20-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
2SC5434 2SC5434-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
UPA811T-T1 UPA811 UPA811T PA811T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
LT3015 LT3080 LT3080-1 LT1175 LT1185 LT1764A LT196 |
1.5A, Low Noise, Negative Linear Regulator Dual 150mA Positive/Negative Low Noise
|
Linear Technology
|