PART |
Description |
Maker |
T2851N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
BF3510TV 4397 |
From old datasheet system FULL 50-60Hz RECTIFICATION BRIDGE
|
STMICROELECTRONICS[STMicroelectronics]
|
STBR608 STBR606 |
50-60HZ RECTIFICATION BRIDGE 50-60Hz RECTIFICATION BRIDGE From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
MCR264-4-D MCR264-4 |
Silicon Controlled Rectifier Reverse Blocking Thyristor(40A400V硅控整流器反向截止晶闸管) 40 A, 200 V, SCR, TO-220AB Silicon Controlled Rectifiers Reverse Blocking Thyristors
|
ON Semiconductor
|
ELM440SM ELM440 ELM440P |
60Hz Generator
|
ELM[ELM Electronics]
|
AN5560 |
50Hz and 60Hz Detection IC
|
Panasonic
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
PHMKP... |
Line Frequency Capacitors 50/60Hz, Type PhMKP
|
Vishay
|
LTC2413 |
24-Bit No Latency Delta Sigma ADC with Simultaneous 50Hz/60Hz Rejection
|
Linear
|
B132100AWP1 |
VGA with Audio over Cat5-Cat6 Extender, Wallplate Receiver, 1920x1440 at 60Hz, Up to 1000-ft
|
Tripp Lite. All Rights ...
|