PART |
Description |
Maker |
5.0SMDJ110 |
RECTIFIER SPECIALISTS
|
Dc Components
|
R1A |
RECTIFIER SPECIALISTS
|
Yea Shin Technology Co....
|
3EZ140 3EZ130 3EZ8.2 3EZ120 |
RECTIFIER SPECIALISTS RECTIFIER SPECIALISTS
|
Dc Components
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
BYV118F BYV118F-35 BYV118F-40 BYV118F-45 BYV118X B |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 10 A, 40 V, SILICON, RECTIFIER DIODE DB-25 MALE CONN KIT CRIMP 10 A, 40 V, SILICON, RECTIFIER DIODE CRIMP SHELLS DB25 MALE 10 A, 35 V, SILICON, RECTIFIER DIODE Rectifier diodes Schottky barrier 10 A, 35 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
FFP04S60STU FFP04S60S |
STEALTH-TM II Rectifier 4A, 600V STEALTH II Rectifier; Package: TO-220; No of Pins: 2; Container: Rail 4 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Fairchild Semiconductor, Corp.
|
S8M 1N5614 S6M 1N5618 S2M |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(????靛?600V,骞冲?姝e??垫?2A锛?酱??????瀵??????㈠??存?浜??绠? RECTIFIER, up to 1kV, 2A, 2μs RECTIFIER, up to 1kV, 2A, 2楼矛s
|
Semtech Corporation
|
|