PART |
Description |
Maker |
FS10VS-5 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 10 A, 250 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFETs: FS Series, Medium Voltage, 250V
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
STP80NF03L-04 STP80NF03 -STP80NF03 |
N - CHANNEL POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
APTM100UM65DAG08 |
Single switch with Series diode MOSFET Power Module 145 A, 1000 V, 0.078 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi Corporation Microsemi, Corp.
|
APTM100A13SG |
Phase leg Series & parallel diodes MOSFET Power Module 65 A, 1000 V, 0.156 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Phase leg Series & parallel diodes MOSFET Power Module
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SK3674-01 2SK3674-01L 2SK3674-01S 2SK3674-01SJ |
STD LQg MOSFET MOSFET的性病的LQG Power MOSFET SuperFAP-G series Target Specification
|
Fuji Electric Holdings Co., Ltd.
|
FS7SM-16A |
AML34 Series Rocker Switch, SPST, 2 position, Silver Contacts, 0.187 in x 0.02 in (Solder or Quick-Connect), Non-Lighted, Rectangle, Snap-in Panel 7 A, 800 V, 1.64 ohm, N-CHANNEL, Si, POWER, MOSFET Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. Powerex Power Semiconductors
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
SIHG25N40D |
D Series Power MOSFET
|
Vishay Siliconix
|
SIHH14N65E |
E Series Power MOSFET
|
Vishay Siliconix
|
SIHG17N60D |
D Series Power MOSFET
|
Vishay Siliconix
|
|