PART |
Description |
Maker |
CD4504BMS FN3336 CD4504BKMSR |
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation; Temperature Range: -; Package: 16-FlatPack HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, CDFP16 From old datasheet system Single, Strobed, High Speed Differential Comparator with Push-Pull Outputs 8-SOIC 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
KCO-760-4.9152MHZ-OUT21-STBY1 KCO-760-4.9152MHZ-OU |
CRYSTAL OSCILLATOR, CLOCK, 4.9152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.736 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 3.6864 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 80 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 9.8304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 28.6363 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 2.048 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.31818 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 15.36 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.716 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.384 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 56.448 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.328 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 70 MHz, CMOS OUTPUT
|
Hokuriku Electric Industry Co., Ltd. HOKURIKU ELECTRIC INDUSTRY CO LTD
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
VC-801-JAE-E VC-801-JAE-F VC-801-JAE-H VC-801-JAE- |
CMOS Crystal Oscillator CRYSTAL OSCILLATOR, CLOCK, 11.2896 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13.56 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.376 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 11.0596 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 1.544 MHz - 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 75 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 47.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.777216 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 11.059 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
SM1120BDE SM1120BDS SM1120BDV SM1120BDW SM1120BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
E0C6S27 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit,High Quality Display LCD Driver,Stepping-Motor Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路,高质量的LCD驱动器,步进电机驱动器))
|
爱普生(中国)有限公
|
MCSO1FV_TBE MCSO1FV MCSO1FV_A MCSO1FV/A MCSO1FV/CE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 90 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 98.304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 78 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 58.9824 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65.536 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT 3.3V CMOS Oscillator Low Jitter CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
|