PART |
Description |
Maker |
74062-2533 74062-8502 74062-9002 74062-1072 74062- |
VHDM BP 8 ROW SHLD END ASSY 25 COL 225 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 8R SHLD END ASSY 10 COL Pb FREE 90 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 8 ROW SHLD END ASSY 10 COL 90 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc.
|
4-1877847-1 |
CPC Medical Connectors; Asy,Plg,7 P,80 D Key,Col 4.0-5.2,Blk,Yel ( Tyco Electronics )
|
Tyco Electronics
|
75341-4444 75465-2104 75237 75650 75649-0104 75827 |
1.85 by 1.85mm (.073 by .073隆卤) Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns GbX 2-Pair L-Series 25-Col Right BP Assy 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair L-Series 25-Col Left BP Ass'y 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair 25-Col. Right End BP Assembly 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 752354104 GbX 2-Pair 10 Column Left Backplane Assy
|
Molex Electronics Ltd. http:// Molex, Inc. MOLEX INC
|
75433-4254 75433-4285 |
GbX 3-Pair 25-Col. Right Backplane Ass'y 150 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
74060-8502 74060-9001 74060-1009 74060-2509 |
VHDM BP 8 ROW OPEN ASSY 25 COL Pb FREE 225 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP Assy 90 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM 8 Row 10-Col. Open End BP Ass'y 90 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM 8 Row 25-Col. Open End BP Ass'y 225 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc.
|
74697-1033 74697-2541 74697-2542 74697-2561 |
HSD 5 ROW 10 COL SHIELD END BP 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HSD BP 5R 25 COL ASSY 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HSD BACKPLANE 5R 25C SHIELD END ASSEMBLY 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
75235-4163 75235-4755 75235-4263 75235-4105 75235- |
GBX BPLANE 4 PAIR 10 COL RIGHT END ASSY 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GBX 4 PAIR 7 COL RIGHT END BPLANE ASSY 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GBX BPLANE 4PR 25 COL RIGHT 3.55 MM 200 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GBX BPLANE 4PR 10C RIGHT ASSY 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GBx 4-Pair Right End Backplane Assembly 200 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
76015-3103 76015-3104 76015-2404 |
I-TRAC 7 ROW BP ASSY - 10 COL GUIDE LEFT 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
|