PART |
Description |
Maker |
28C04A-25/L 28C04A-25/P 28C04A-20/L 28C04AF-20/L 2 |
Dual-Phase, Parallelable, Average-Current-Mode Controllers Quad, 8-Bit DAC with Rail-to-Rail Outputs 4A, 20ns, Dual MOSFET Drivers Dual-Phase, Parallelable, Average Current-Mode Controllers x8的EEPROM Voltage-Tracking Controllers for PowerPC, DSPs, and ASICs x8的EEPROM
|
Jameco Electronics
|
MAX5041BEAI |
Dual-Phase, Parallelable, Average Current-Mode Controllers
|
Maxim Integrated Produc...
|
5962-9850901NUA 5962-9850901QZC 5962-9850901NTB 59 |
Dual-Phase, Parallelable, Average Current-Mode Controllers Dual-Phase, Parallelable, Average-Current-Mode Controllers
|
|
MAX5065 MAX5067 |
Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
|
MAXIM - Dallas Semiconductor
|
MAX5037EMH MAX5037ETH |
VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
|
Maxim Integrated Products
|
LT3080-1 LT3080EDD-1 LT3080EDD-1-PBF LT3080EDD-1-T |
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
|
Linear Technology
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
ZL8802ALAFTK |
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
|
Renesas Electronics Corporation
|
EL7182 EL7182CS EL7182CN |
Driver, 2Amp Peak, Dual w/Single Input 3V and TTL, 10MHz, Supply = 4.5V to 16V, CCD apps, 2-Phase 2-Phase, High Speed CCD Driver 2-Phase/ High Speed CCD Driver
|
INTERSIL[Intersil Corporation]
|