PART |
Description |
Maker |
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
2SA1666YI-UL 2SA1666YI-TR 2SC4903YL-UL 2SA1666YI-0 |
200 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.2 A, 30 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 30 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 12 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 9 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET UHF BAND, Si, RF SMALL SIGNAL, FET 3000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 A, 60 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 20 A, 60 V, 0.095 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 100 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.3 A, 100 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 2 A, 20 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 900 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET 5 A, 30 V, 0.13 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. LEDtronics, Inc. Integrated Device Technology, Inc. Vishay Beyschlag Air Cost Control Mini-Circuits Moeller Electric, Corp. OSRAM GmbH Cooper Hand Tools KOA Speer Electronics,Inc. ProMOS Technologies, Inc.
|
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
IXFX32N50Q IXFK30N50Q IXFK32N50Q IXFX30N50Q |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 32A I(D) | TO-264AA TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|32AI(D)|TO-247VAR
HIPERFET POWER MOSFETS Q-CLASS
|
IXYS[IXYS Corporation]
|
FQP85N06 |
60V N-Channel MOSFET 85 A, 60 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|85AI(D)|TO-220AB
|
Fairchild Semiconductor, Corp.
|
IRLC130 IRFC214R IRFC9014R IRFC254R IRFC054R IRFC2 |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | CHIP TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | CHIP TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | CHIP TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | CHIP 晶体管| MOSFET的| N沟道| 100V的五(巴西)决策支持系统|芯片 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | CHIP 晶体管| MOSFET的| N沟道| 200伏五(巴西)决策支持系统|芯片 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | CHIP 晶体管| MOSFET的| N沟道| 400V五(巴西)决策支持系统|芯片 TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | CHIP 晶体管| MOSFET的| P通道| 100V的五(巴西)决策支持系统|芯片 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | CHIP 晶体管| MOSFET的| P通道| 200伏五(巴西)决策支持系统|芯片
|
ITT, Corp. Amphenol, Corp. ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
ND24106L BSS129 ND2406L ND2410L 70198 |
N-Channel Depletion-Mode MOSFET Transistor(??ぇ婕??瀵奸??甸?0惟锛?す???娴?.15A??娌????敖??OSFET?朵?绠? N-Channel Depletion-Mode MOSFET Transistor(最大漏源导通电0Ω,夹断电.15A的N沟道耗尽型MOSFET晶体 N沟道耗尽型MOSFET晶体管(最大漏源导通电0Ω,夹断电.15A的N沟道耗尽型MOSFET的晶体管 From old datasheet system N-Channel Depletion-Mode MOSFET Transistors
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
|