PART |
Description |
Maker |
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
HI-506A HI1-0506A-2 HI1-0506A-5 HI1-0506A-8 HI1-05 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 16-Channel/ 8-Channel/ Differential 8-Channel and Differential 4-Channel/ CMOS Analog MUXs with Active Overvoltage Protection 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI3-509A HI3-0506A-5 HI3-0507A-5 HI3-0508A-5 HI1-0 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
HARRIS[Harris Corporation]
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
PHP206 |
Dual P-channel enhancement mode MOS transistor 5600 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DMN5L06VAK DMN5L06VK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Inc. Diodes, Inc.
|
2SJ325 2SJ325-Z-E2 2SJ325-Z-E2JM 2SJ325-Z-T1 2SJ32 |
P-channel enhancement type SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 4A I(D) | TO-252VAR
|
NEC Corp.
|
2N7002T |
N-channel TrenchMOS FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.3 A; R<sub>DS(on)</sub>: 5000@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
NXP Semiconductors N.V.
|
|