PART |
Description |
Maker |
HSA-X-1-40 |
1.1 GHz High-Speed Amplifier
|
List of Unclassifed Manufacturers ETC
|
HSA-X-2-40 |
2 GHz High-Speed Amplifier
|
List of Unclassifed Manufacturers ETC
|
BAR63-04W BAR63-05W BAR63-06W BAR63-W BAR6304W Q62 |
Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz) 硅PIN二极管(PIN二极管高速射频信号低正向电阻非常低电容开关频率高 GHz From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MP5360M MP5361M |
High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
|
List of Unclassifed Manufacturers ETC
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
Q62702-X105 BXY43A Q62702-X116 BXY43B BXY43C Q6270 |
PUBLICATIONS, BOOKS RoHS Compliant: NA Silicon PIN Diodes (High-speed switching Phase shifting up to 10 GHz Power splitter) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
PHI214-30EL PH1214-30EL |
Radar Pulsed Power Transistor, 30W, 1.0ms Pulse, 10% Duty 1.2 - 1.4 GHz High Speed Comparator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Radar Pulsed Power Transistor, 3OW, 1 .Oms Pulse, 10% Duty . 1.2 - 1.4 GHz Radar Pulsed Power Transistor/ 3OW/ 1 .Oms Pulse/ 10% Duty . 1.2 - 1.4 GHz
|
Tyco Electronics
|
W26L010A W26L010A-10 W26L010A-12 W26L010AJ-10 W26L |
JT 10C 10#20 PIN RECP From old datasheet system 64K X 16 High Speed CMOS Static RAM HIGH SPEED SRAM 64Kx16
|
Winbond Electronics Corp WINBOND[Winbond]
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|