PART |
Description |
Maker |
AIC1993 |
Linear Fan Control Driver IC
|
http:// Analog Intergrations Corporation
|
LR18115L-S08-R LR18115L-S08-T LR18115G-S08-T LR181 |
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
|
Unisonic Technologies
|
RT9027B RT9027A |
(RT9027A / RT9027B) Linear Fan Driver
|
Richtek
|
LB11669M |
Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
|
Sanyo Semicon Device
|
EUM6804 |
PWM Fan Motor Driver with Slope Control and Low Duty Startup
|
Eutech Microelectronics Inc
|
LA6585T |
Monolithic Linear IC BTL Drive Single-Phase Full-Wave Fan Motor Driver
|
Sanyo Semicon Device
|
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
MIC2843 |
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM Control
|
Micrel Semiconductor
|
LA73033M |
Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
|
Sanyo Semicon Device
|
A8925 A8925CEB 8925 |
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MIC4801YM |
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM Control
|
Micrel Semiconductor
|
MIC3291-18YD6 MIC3291-25YM6 MIC3291-18YM6 MIC3291- |
1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
|
Micrel Semiconductor
|