PART |
Description |
Maker |
AM49DL320BGT851 AM49DL320BGT85IS AM49DL320BGT85IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
LTC1407 LTC1407A LTC1407ACMSE LTC1407AIMSE LTC1407 |
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
|
LINER[Linear Technology]
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AD7865YS-1 AD7865YS-2 AD7865BS-1 AD7865BS-2 AD7865 |
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 Four-Channel/ Simultaneous Sampling/ Fast/ 14-Bit ADC
|
http:// Analog Devices, Inc.
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AD2S1210-EP AD2S1210SST-EP-RL7 |
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator (Rev 0, 06/2010)
|
Analog Devices
|
MAX1304ECM_V MAX1308ECM_V MAX1309ECM_V MAX130409 M |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 隆戮10V, 隆戮5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products Maxim Integrated Produc...
|
AM29DL800BB120SF AM29DL800BB70SF AM29DL800BB90SF A |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc.
|
AD9201-EVAL AD9201ARS |
Dual Channel/ 20 MHz 10-Bit Resolution CMOS ADC Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC 双通道0 MHz0位分辨率的CMOS模数转换 Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC 双通道20 MHz0位分辨率的CMOS模数转换
|
Analog Devices, Inc.
|
AM29BDD160GB17CPBE AM29BDD160GB17CPBF AM29BDD160GB |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位 M中的x 16-bit/512亩32位).5伏的CMOS只突发模式,双启动,同步写闪
|
Advanced Micro Devices, Inc.
|