PART |
Description |
Maker |
IDT72V3622 IDT72V3622L10PF IDT72V3622L10PQF IDT72V |
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1024 x 36 x 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
|
IDT[Integrated Device Technology]
|
72V3624L15PFG8 72V3644L15PFG8 |
3.3 VOLT CMOS SyncBiFIFO
|
Integrated Device Techn...
|
IDT723654 723654_DS_31541 |
CMOS SyncBiFIFO? From old datasheet system
|
IDT
|
IDT723674 IDT723674L12PF IDT723674L15PF IDT723664 |
CMOS SyncBiFIFO WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
RC86L60-3 RC86L60-2 RC86L60-1 |
CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
|
List of Unclassifed Manufacturers
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29LV081B AM29LV081B-120EC AM29LV081B-120ECB AM29 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory Gate Driver; Package: PG-DSO-8; RthJA (max): -; 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位米8位)的CMOS 3.0伏特,只有扇区擦除闪 CORECONTROL™ Gate Driver 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位1米8位)的CMOS 3.0伏特,只有扇区擦除闪
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
|