PART |
Description |
Maker |
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT72V3643L10PF IDT72V3633 IDT72V363310PF IDT72V36 |
From old datasheet system 3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36 512 x 36 SyncFIFO, 3.3V
|
IDT[Integrated Device Technology]
|
IDT72421 IDT72201L10JI IDT72201L10PFI IDT72201L15J |
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 的CMOS SyncFIFOO 64 × 956 × 912 × 9024 × 9048 × 9096 × 9 Dual High Output Current Operational Amplifier 8-TSSOP -40 to 85 SerDes 22-Bit Bi-Directional Serializer/Deserializer; Package: MLP; No of Pins: 40; Container: Tape & Reel 8K x 9 SyncFIFO, 5.0V 2K x9 SyncFIFO, 5.0V 4K x 9 SyncFIFO, 5.0V 512 x 9 SyncFIFO, 5.0V 256 x 9 SyncFIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC IDT
|
72V3611L15PFG8 |
3.3 VOLT CMOS SyncFIFO
|
Integrated Device Techn...
|
IDT72V3656 |
3.3 VOLT CMOS TRIPLE BUS SyncFIFO?
|
IDT
|
IDT72240L10TPG IDT72220L10TPG IDT72210L10TPG IDT72 |
CMOS SyncFIFO
|
Integrated Device Techn... Integrated Device Technology
|
IDT72200 IDT72420 IDT72230 IDT72210 IDT72240 IDT72 |
CMOS SyncFIFO?
|
IDT
|
72801L10PFG8 72801L15PFG 72801L10PFGI 72801L10TFGI |
DUAL CMOS SyncFIFO DUAL CMOS SyncFIFO
|
Integrated Device Techn...
|
74LCX646RM13TR 74LCX646 74LCX646M1R 74LCX646TTR |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
|