PART |
Description |
Maker |
IDT72V205 IDT72V205L10PF IDT72V205L10PFI IDT72V205 |
1K x 18 SyncFIFO, 3.3V 2K x 18 SyncFIFO, 3.3V 256 x 18 SyncFIFO, 3.3V 4K x 18 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3 VOLT CMOS SyncFIFO?
|
IDT[Integrated Device Technology]
|
72V3653L15PFG8 72V3673L15PFG8 72V3663L15PFG8 |
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
|
Integrated Device Techn...
|
IDT72V3641 IDT72V3651 72V3631_DS_46855 |
3.3 VOLT CMOS SyncFIFO? From old datasheet system
|
IDT
|
IDT72V205L15TF IDT72V225L15TF IDT72V235L15TF |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
|
Integrated Device Techn...
|
IDT723611 723611_DS_56633 IDT723611L20PQF IDT72361 |
CMOS SyncFIFO? From old datasheet system 64 x 36 SyncFIFO, 5.0V
|
IDT
|
IDT72240 IDT72240L15TP IDT72230L10TP IDT72420 IDT7 |
4K x 8 SyncFIFO, 5.0V 2K x 8 SyncFIFO, 5.0V 64 x 8 SyncFIFO, 5.0V 1K x 8 SyncFIFO, 5.0V 256 x 8 SyncFIFO, 5.0V 512 x 8 SyncFIFO, 5.0V
|
IDT
|
IDT72221 72201L10JG8 72201L15PFGI 72421L10PFG8 724 |
256 x 9 SyncFIFO, 5.0V CMOS SyncFIFO
|
Integrated Device Technology, Inc. Integrated Device Techn...
|
723631L15PQF9 IDT723641L15PF8 IDT723641L15PQF IDT7 |
512 x 36 SyncFIFO, 5.0V 2K x 36 SyncFIFO, 5.0V 1K x 36 SyncFIFO, 5.0V 512 X 36 OTHER FIFO, 11 ns, PQFP132 PLASTIC, QFP-132
|
IDT INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
IDT723663 IDT723653 723653_DS_1982 |
CMOS SyncFIFO? From old datasheet system
|
IDT
|
72801L10PFG8 72801L15PFG 72801L10PFGI 72801L10TFGI |
DUAL CMOS SyncFIFO DUAL CMOS SyncFIFO
|
Integrated Device Techn...
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|