PART |
Description |
Maker |
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
MEM8129GMB-15 MEM8129GMB-20 MEM8129GMB-25 MEM8129W |
128K x 8-bit EEPROM, 150ns 128K x 8-bit EEPROM, 200ns 128K x 8-bit EEPROM, 250ns
|
MSI Electronics
|
24WC128 CAT24WC128 CA24WC128PI-1.8TE13 CA24WC128KI |
128K-Bit I2C Serial CMOS E2PROM 128K-BitI2CSerialCMOSE2PROM 1.8V-6.0V 128K-bit IIC serial CMOS EEPROM 2.5V-6.0V 128K-bit IIC serial CMOS EEPROM
|
CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
UPD431000AGU-70LL-9JH UPD431000AGU-70LL-9KH UPD431 |
1M-bit (128K-word by 8-bit) CMOS static RAM, 70ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 100ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 120ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 150ns
|
NEC
|
MX27C1000PI-70 MX27C1000QI-70 MX27C1000MI-55 MX27C |
Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 Single Output LDO, 3.0A, Fixed(2.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 FPGA - 200000 SYSTEM GATE 2.5 VOLT - NOT RECOMMENDED for NEW DESIGN 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 70 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 120 ns, PQCC32
|
Macronix International Co., Ltd.
|
MCM63D736 |
128K x 36 Bit Synchronous
Dual I/O, Dual Address SRAM(128K x 36 Bit同步双I/O双地址静态存储器)
|
Motorola, Inc.
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
AM29F010B-90EK AM29F010B-45EC AM29F010B-45PC AM29F |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 15V Single Output Isolated DC/DC Converter 128K X 8 FLASH 5V PROM, 120 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDIP32
|
Spansion, Inc. SPANSION LLC
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
PSD813F2V-15M1T PSD853F2V-15M1T PSD814F2V-15M1T PS |
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP64 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQCC52
|
STMicroelectronics
|
|