PART |
Description |
Maker |
10-F112M3A040SH-M749F09 |
3 phase mixed voltage component topology
|
Vincotech
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
CY8C24123-24PI CY8C24223 CY8C24223-24PI CY8C24223- |
PSoC⢠Mixed Signal Array PSoC Mixed Signal Array PSoC mixed signal array. Flash 4 Kbytes. RAM 256 Bytes. Switch mode Pump yes.
|
Cypress
|
10-FY12NMA160SH01-M820F |
mixed voltage NPC Application
|
Vincotech
|
10-PY12NMA080SH-M427FY |
Mixed voltage NPC topology
|
Vincotech
|
DLV-3.3/6-2.5/7-D24 DLV-3.3/6-1.5/7-D24 DLV-3.3/6- |
Dual Output Mixed Voltage, DLV Models
|
Murata Power Solutions Inc.
|
BCP-5-3.3-D48N BCP-15-15-D24 BCP-15-15-D24N BCP-15 |
Analog IC 模拟IC Dual Output Mixed Voltage, BCP Models
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CMA8864-04 |
I2C, Mixed Voltage clock Synthesizer with Buffer for PENTIUMTM & II CPU/PCI system
|
etc List of Unclassifed Manufacturers
|
UPD68011 UPD68070 UPD68041 UPD68001 |
Mixed Analog/Digital ASIC Mixed Signal ASICMA-8A. MA-9 Family Pamphlet | Pamphlet[06/2003] 混合模拟/数字混合信号ASIC的ASICMA - 8A型。马- 9系列单张|小册子[06/2003]
|
NEC, Corp.
|
BAS21 BAS21-MR |
PSoC® Mixed-Signal Array CY8C27143, CY8C27243, CY8C27443, CY8C27543, and CY8C27643 General Purpose High Voltage Diode PSoC® Mixed-Signal Array CY8C27143, CY8C27243, CY8C27443, CY8C27543, and CY8C27643
|
Fairchild Semiconductor
|
AD9863BCP-50 AD9863BCPRL-50 AD9863BCPZRL-501 AD986 |
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications Mixed-Signal Front-End (MxFE? Baseband Transceiver for Broadband Applications 12-Bit Mixed-Signal Front-End (MxFE® )Processor For Broadband Applications; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE Baseband Transceiver for Broadband Applications SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
|
Analog Devices, Inc.
|