PART |
Description |
Maker |
0936010205 |
GWconnect Spring Terminal Insert, Male, 6-Pole, 16A, Silver (Ag) Plated Contacts
|
Molex Electronics Ltd.
|
0907-5-15-20-75-14-11-0 0934-0-15-20-74-14-26-0 09 |
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts BERYLLIUM COPPER, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
0936010206 |
GWconnect Push-in Terminal Insert, Male, 6-Pole, 16A, Silver (Ag) Plated Contacts
|
Molex Electronics Ltd.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
52935 |
Spring Spade Terminal: 14-16: 20.29: 6.35: Tin: Loose Piece
|
Tyco Electronics
|
807-22-001-30-000101 |
Spring-Loaded Insulated Spring Pin Spring-Loaded Header
|
Mill-Max Mfg. Corp.
|
RM5-K-8P-SS-SMD-EPCOS |
Without ground terminal, made of stainless spring steel, 0,335 mm thick
|
FERYSTER Inductive Comp...
|
0936010003 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze
|
Molex Electronics Ltd.
|
P19-0121 P19-2221 P19-0621 |
Two Part Spring Probe, 1.90mm centres, Spear Head INTERCONNECTION DEVICE Two Part Spring Probe, 1.90mm centres, Convex Head
|
Harwin PLC HARWIN INC
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
FTM-3128C-SL15BG |
155M垄娄2.67Gbps Spring-latch SFP Transceiver 155M?.67Gbps Spring-latch SFP Transceiver
|
Source Photonics, Inc.
|
0936010019 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Phosphor Bronze, 0.75-2.50mm2 (18-14 AWG), 2000 per Reel
|
Molex Electronics Ltd.
|
|