PART |
Description |
Maker |
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
KV-9096A |
VIRTUAL REAL-TIME & TIME LAPSE VCR
|
Toshiba Semiconductor
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
XC17S00 DS030 17S20PC 17S30LPC 17S10PC XC17S05XLSO |
Spartan 3.3V one-time programmable configuration PROM. Configuration bits 781248. Product Specification From old datasheet system SPARTAN FAMILY OF ONE-TIME PROGRAMMABLE CONFIGURATION PROMS Spartan 3.3V one-time programmable configuration PROM. Configuration bits 1040128. Spartan Family of One-Time
|
XILINX[Xilinx, Inc]
|
MRT315 |
Time Lag Radial Lead Micro Fuse Series TIME LAG BLOW ELECTRIC FUSE, 0.315A, 277VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
CDP68HC68T1D |
CMOS Serial Real-Time Clock With RAM and Power Sense/Control 1 TIMER(S), REAL TIME CLOCK, DIP16
|
Intersil, Corp.
|
WM8521HCGED/V WM8521HCED/RV WM8521H9ED/V WM8521H9G |
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT CHECK FACTORY FOR OPTIONS 集成立体声DAC输出2Vrms的线路输出阶 CONTINUOUS TIME HALL EFFECT LATCH 集成立体声DAC输出2Vrms的线路输出阶 CONTINUOUS TIME BIPOLAR SWITCH
|
http:// Wolfson Microelectronics PLC
|
PCA8565 PCA8565BS PCA8565TS PCA8565BS/1118 PCA8565 |
Real time clock/calendar; Package: SOT650-1 (HVSON10); Container: Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO10 Real time clock/calendar; Package: SOT505-1 (TSSOP8); Container: Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO8
|
NXP Semiconductors N.V.
|
0230.375DRT1SP 023001.5DRT1SSP 02302.25DRT2SP 0230 |
TIME LAG BLOW ELECTRIC FUSE, 0.375A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT 229/230 Series Lead-Free 2AG, Slo-Blo? Fuse and Indicating Slo-Blo? Fuse TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.35A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.75A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 400A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE
|
HIROSE ELECTRIC Co., Ltd. Littelfuse
|
CMP-05G CMP05FZ CMP05GP |
COMPARATOR, 1000 uV OFFSET-MAX, 41 ns RESPONSE TIME, UUC7 COMPARATOR, 1500 uV OFFSET-MAX, 92 ns RESPONSE TIME, CDIP8 COMPARATOR, 2000 uV OFFSET-MAX, 92 ns RESPONSE TIME, PDIP8
|
PRECISION MONOLITHICS INC
|
LPS-RK-100SP LPS-RK-110SP LPS-RK-125SP LPS-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 100A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 450A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER Dual-Element, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
|