PART |
Description |
Maker |
FAN2502S26 FAN2503S25 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Pch Power MOSFET; Surface Mount Type: N; Package: VS-8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -6) 积极的固定电压稳压器
|
Fairchild Semiconductor, Corp. 3M Company
|
BCP51115 |
45 V, 1 A PNP medium power transistors - Complement: BCP54 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 45 V; Package: SOT223 (SC-73); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
BCW29235 |
PNP general purpose transistors - Complement: BCW31 ; fT min: 100 MHz; hFE max: 260 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 32 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
PMBT5550 PMBT5550_3 PMBT5550215 |
NPN high-voltage transistor - Complement: PMBT5401 ; fT min: 100 MHz; hFE max: 250 ; hFE min: 60 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 140 V; Package: SOT23 (TO-236AB); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PMBTA92 PMBTA92215 PMBTA92-T |
100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP high-voltage transistor - Complement: PMBTA42 ; fT min: 50 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 300 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP Semiconductors
|
CDH20D10NP-2R0MC CDH20D10NP-R50MC CDH20D10NP-R80MC |
Small size inductor 2.2mm Max square and 1.1mm Max height
|
Sumida Corporation
|
CXT2907A |
High current (max.600mA), Low voltage (max.60V)
|
TY Semiconductor Co., Ltd
|