PART |
Description |
Maker |
BDS29B BDS29C BDS29A |
COMPLEMENTARY POWER DARLINGTON TO254 METAL TRANSISTORS DIODE TVS 45V 1500W BIDIR 5% SMC DIODE TVS 36V 1500W BIDIR 5% SMC
|
Seme LAB
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC5-1215SRWLZ REC5-1215DRWLZ REC5-1215DRWL REC5-1 |
5W DC/DC converter with 68V input, -12V/ -208mA output THYRISTOR PROTECT BIDIR 50A SMB THYRISTOR PROTECT BIDIR 100A SMB MB 19C 19#12 SKT RECP ECONOLINE -直流/直流-转炉 MB 21C 21#16 SKT RECP ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
STK301-060 |
DIODE TVS 16V 600W BIDIR 5% SMB
|
|
CY7C63000A-SC CY7C63100A-SC CY7C63000A-PC CY7C6310 |
SENSOR AMP 100PSI GAU .5-4.5 OUT SENSOR AMP 30PSI DIFF .5-4.5 OUT 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP20 Universal Serial Bus Microcontroller 通用串行总线控制 SENSOR BIDIR DIGITAL 3PSI 5 H2O
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
STK3902 STK3905 STK3903 |
DIODE TVS 440V 600W BIDIR 5% SMB Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:5V AnalogIC
|
|
Z86E3412VSC Z86E4312FSC Z86E4312PSC Z86E4312VSC Z8 |
DIODE TVS 440V 600W BI DO-15 5% DIODE TVS 18V 600W UNIDIR 5% SMB DIODE TVS 20V 600W UNIDIR 5% SMB DIODE TVS 22V 600W BIDIR 5% SMB DIODE TVS 600W 400V UNI 5% SMB DIODE TVS 600W 440V UNI 5% SMB DIODE TVS 600W 480V BIDIR 5% SMB MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|SOP|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|44PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 44PIN |塑料 DIODE TVS 33V 600W UNI-DIR 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料
|
KEC Holdings Electronic Theatre Controls, Inc. ZiLOG, Inc.
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|