PART |
Description |
Maker |
IDT72815LB IDT72835LB IDT72805LB IDT72845LB IDT728 |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS DUAL SyncFIFO?
|
IDT[Integrated Device Technology]
|
HCF4518 HCF4518B HCF4518BC1 HCF4518BEY HCF4518BF H |
Dual Up-Counters(???璁℃??? DUAL UP-COUNTERS 双向上计数器 Replaced by SN54S74 : Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CDIP -55 to 125 Dual Up-Counters(双加计数
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
LM1458 LM1458CM LM1458CN LM1458M LM1458N LM1458_LM |
Dual Operational Amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, PDIP8 IC,OP-AMP,DUAL,BIPOLAR,DIP,8PIN,PLASTIC From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT72V845L15PF IDT72V845L20PF IDT72V805L15PFI IDT7 |
15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 8 Input, 6 Output Video Switch Matrix with Output Drivers; Package: TSSOP; No of Pins: 24; Container: Rail 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 3.3伏CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18
|
Integrated Device Technology, Inc.
|
NL27WZ14DFT2 NL27WZ14DTT1 NL27WZ14 |
Dual Inverter, Schmitt Dual Schmitt-Trigger Inverter 27WZ SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
ONSEMI[ON Semiconductor]
|
IDT7134LA70P IDT7134LA70PB IDT7134SA35C IDT7134SA3 |
150V N-Channel UltraFET Trench MOSFET HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail FTDI232BM, USB-RS232, 32-LQFP SMT 30V Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package; Package: SO-14; No of Pins: 14; Container: Tape & Reel
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MX7837 MX7837AN MX7837AQ MX7837AR MX7837BN MX7837B |
DUAL, PARALLEL, 8 BITS INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP24 From old datasheet system Complete Dual 12-Bit Multiplying DACs Complete / Dual / 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|