PART |
Description |
Maker |
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
1SV251 |
Small interterminal capacitance (C=0.23pF typ). Small forward series resistance (rs=4.5 max).
|
TY Semiconductor Co., Ltd
|
2SB1119 |
Very small size making it easy to provide highdensity, small-sized hybrid ICS
|
TY Semiconductor Co., Ltd
|
HEDS-9741-250 HEDS-974 HEDS-9740-150 HEDS-9740-250 |
Small Optical Encoder Modules 小型光学编码器模 Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules HEDS-9741#250 · Small Optical Encoder Modules HEDS-9740#150 · Small Optical Encoder Modules
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
ADXL321 ADXL321JCP-REEL ADXL321EB ADXL321JCP |
Small and Thin 18 g Accelerometer Small and Thin 18 g Accelerometer 小而薄8克加速度 Small, Thin, Low Power, Dual Axis ±18 g Accelerometer With Analog Output
|
Analog Devices, Inc. AD[Analog Devices]
|
BSP315P |
SIPMOS Small-Signal-Transistor Low Voltage MOSFETs - Small Signal MOSFET, -60V, SOT-223, RDSon = 0.80
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
2SB0745 2SB0745A 2SB745A |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires 小信号装小信号晶体管-一般使用低频Amplifires
|
Fairchild Semiconductor, Corp. Panasonic
|
|