PART |
Description |
Maker |
LX1912CSG |
Step-Down Buck Regulators
|
Microsemi
|
SI9139DG-1815 BD9401FM-E2 CAT660CPA BD9011KV-E2 AP |
Current Mode PWM Controllers Dual Pwr-Supply Ctrl 1.8 and 1.5V Linear Regulators - Standard POWER SUPPLY IC Switching Converters, Regulators & Controllers Com Temp 100mA Out Switching Converters, Regulators & Controllers Step Down; 2 Outputs 150KHz, 2A PWM Buck DC/DC Converter 150kHz的,甲的PWM降压DC / DC转换
|
NXP Semiconductors N.V. NEC, Corp. Intersil, Corp. Rohm Co., Ltd.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX758ACPA MAX758ACWE MAX758AEPA MAX758AEWE MAX758 |
Adjustable, PWM, Step-Down Regulator Circular Connector; No. of Contacts:32; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-32 RoHS Compliant: No 10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 Adjustable / Step-Down / Current-Mode PWM Regulators Adjustable, Step-Down, Current-Mode PWM Regulators Adjustable Step-Down Current-Mode PWM Regulators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC3558 |
Linear USB Battery Charger with Buck and Buck-Boost Regulators
|
Linear Technology
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
5962-9060401DX 5962-9060404CX 5962-9060401CX 5962- |
1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators 14-Bit, 85ksps ADC with 10µA Shutdown Voltage-Feedback Operational Amplifier 电压反馈运算放大 Low-Cost, High-Frequency, Current-Mode PWM Buck Controllers 电压反馈运算放大
|
Vishay Intertechnology, Inc. HIROSE ELECTRIC Co., Ltd.
|
LTC1929 1929F LTC1929CG-PG LTC1929-PG LTC1929IG-PG |
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators From old datasheet system 2 Phase Synchronous Step-down Switching Regulators
|
Linear Technology
|
LTC1709EG-9 LTC1709-9 LTC1709-8 LTC1709EG-8 170989 |
CHOKE COIL 33UH 260MA SMD From old datasheet system 2-Phase/ 5-Bit VID/ Current Mode/ High Efficiency/ Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID,Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
ISL80019AFRZ-T ISL80019AFRZ-T7A ISL80019FRZ-T ISL8 |
Compact Synchronous Buck Regulators
|
Intersil Corporation
|
AOZ2151EQI-30 |
EZBuck DC-DC Buck Regulators Power ICs
|
Alpha & Omega Semiconductor
|
AOZ1210AI |
EZBuck DC-DC Buck Regulators Power ICs
|
Alpha & Omega Semiconductor
|