PART |
Description |
Maker |
LTC2757 |
18-Bit SoftSpan IOUT DAC
|
Linear Technology
|
LTC2752 LTC2752ACLX-PBF LTC2752AILX-PBF LTC2752BCL |
Dual16-Bit SoftSpan IOUT DACs
|
Linear Technology
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX5013 MAX5013AEPI MAX5013AEQI MAX5013BEPI MAX501 |
12-Bit 100Msps TTL DAC 12-Bit / 100Msps TTL DAC 12-Bit, 100Msps TTL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PQCC28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5012 MAX5012AEPI MAX5012AEQI MAX5012BEPI MAX501 |
12-Bit, 100Msps ECL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PDIP28 12-Bit / 100Msps ECL DAC
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
J650-1 J650-10FS |
6.6A Iout, 2.5kV Vrrm General Purpose Silicon Rectifier 2.0A Iout, 5.0kV Vrrm Fast Recovery Rectifier
|
RPM Micro
|
LTC2751BCUHF-16PBF LTC2751BCUHF-16TRPBF |
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|
LTC2751-15 |
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|
AD1833AAST-REEL AD1833ACST-REEL EVAL-AD1833AEB AD1 |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 24-Bit, 192 kHz, DAC SERIAL INPUT LOADING, 24-BIT DAC, PQFP48 Multichannel, 24-Bit, 192 kHz, DAC
|
Analog Devices, Inc.
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|