PART |
Description |
Maker |
K5A22NAG K5A22NAU K5A2AG K5A2AU K5A24NAG |
Snap Action Key Switch Switch KEYPAD SWITCH, SPST, MOMENTARY, 0.1A, 50VDC, 4 N, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
S1A0067X01 S1A0067X01-X0BO |
4.6W AUDIO POWER AMP 4.6W音频功率放大 Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:10A; Switch Terminals:Quick Connect; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
IH5019 IH5019CDD IH5019CDE IH5019CPA IH5019CPD IH5 |
Virtual Ground Analog Switch Virtual Ground Analog Switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, CDIP14 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP14 Virtual Ground Analog Switch 虚拟地面模拟开 RES, 1206, TF, 1R, 5%, 1/4W 虚拟地面模拟开 RES, 2K OHM 1% 1/8W DSUB 17W5 F PCB G50 3-channel; 30V; 10mA; 500mW; virtual ground analog switch
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Semiconductor
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DG387BDJ-E3 DG381BDJ-E3 DG384BDJ-E3 |
DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14 DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 ANLG SW DUAL SPST 22V/36V 14PDIP - Bulk IC SWITCH DUAL CMOS 14DIP Analog Switch Dual DPST 16-Pin PDIP
|
VISHAY SILICONIX
|
V15T16CZ200A01XXK V15H16-CP100A-03 V15T22-CP100B05 |
Electromechanical switch designed for enhanced reliability at a great value. SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT Electromechanical basic Switch SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL Honeywell Solid State Elect... Honeywell Solid State E...
|
UPD22100 UPD22100C UPD22100GS UPD22148 UPD22148CA |
DSP-CROSSBAR SWITCH, PDIP22 CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
|
NEC Corp. NEC[NEC]
|