Part Number Hot Search : 
10116N LTC1422 HD1131O 1N4745AG 120N1T 15KPJ51A MEH14ZBA HT1616C
Product Description
Full Text Search

1300900009 -    Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 10.67m

1300900009_8948994.PDF Datasheet


 Full text search :    Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 10.67m


 Related Part Number
PART Description Maker
W5232 W523X W5231 W5233 W5234 Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (6 seconds @6.7K)
ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (12 seconds @6.7K)
ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (9 seconds @6.7K)
ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (3 seconds @6.7K)
WINBOND[Winbond]
Winbond Electronics
T2.5-4 T10-10 T10-6 T10-8 T25-12 T25-10 T16-10 T16 STA-KON Copper Tube Terminals
List of Unclassifed Manufacturers
SST3S-C SST4H-L SST4I-C Sta-Strap ? Cable Ties . Nylon 6.6
PANDUIT CORP.
SL0833001 TRANS,WALL,7.5VDC/1000mA, F1,2.1X5.5mm,UL(STA-4875)
Ametherm, Inc
RTN250 LIT EPIP E? FOR SUR FACE MOU NT AND STA NDAR D LEDs
List of Unclassifed Man...
STA470-30T2MI STA150-60T2MI CAP 470UF 30VDC 20% 7.14 X 16.28MM AXL - Bulk
STA Wet Tantalum Capacitors with Hermetic Seal
Vishay Sprague
PSMN015-110P PSMN015-110P127 Trenchmos (tm) Sta
N-channel TrenchMOS SiliconMAX standard level FET
NXP Semiconductors N.V.
G5131-50T23UF G5130 G5130-25T11U G5130-25-T11U G51 Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
RECTIFIER BRIDGE 15A 400V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY
RECTIFIER BRIDGE 15A 200V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY
Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel
Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail
16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel
SCANSTA111 Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port; Package: TSSOP; No of Pins: 48 掩模升压DC / DC转换
LPC660 Low Power CMOS Quad Operational Amplifier; Package: SOIC NARROW; No of Pins: 14 掩模升压DC / DC转换
10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 24; Container: Rail 掩模升压DC / DC转换
MM5483 Liquid Crystal Display Driver; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换
10-A, 4.5V to 14V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj Power Module with TurboTrans 11-DIP MODULE -40 to 85 掩模升压DC / DC转换
50A, 4.5V to 14V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 22-DIP MODULE -40 to 85 掩模升压DC / DC转换
DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOT-323 3K/REEL 掩模升压DC / DC转换
Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换
Synchronous Presettable Binary Counter 掩模升压DC / DC转换
8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input OR Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
DIODE ZENER SINGLE 200mW 27Vz 2mA-Izt 0.0704 0.1uA-Ir 18.9 SOT-323 3K/REEL 掩模升压DC / DC转换
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
MM5452/MM5453 Liquid Crystal Display Drivers; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换
MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: SOIC WIDE; No of Pins: 20 掩模升压DC / DC转换
MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换
LPC662 Low Power CMOS Dual Operational Amplifier 掩模升压DC / DC转换
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换
CLC016 Data Retiming PLL with Automatic Rate Selection 掩模升压DC / DC转换
CAPACITOR, 47UF, 10V, /-20%, LOWESR, S.M. 掩模升压DC / DC转换
DCC37ST 掩模升压DC / DC转换
SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement; Package: TQFP EXP PAD; No of Pins: 100 掩模升压DC / DC转换
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换
TP11362A Quad Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 掩模升压DC / DC转换
SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor; Package: LLP; No of Pins: 16 掩模升压DC / DC转换
QUAD OP AMP; Package: CERDIP; No of Pins: 14 掩模升压DC / DC转换
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input AND Gate 输入与门
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
Octal Buffer/Line Driver with 3-STATE Outputs 掩模升压DC / DC转换
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs; Package: LLP; No of Pins: 10 掩模升压DC / DC转换
Octal D-Type Flip-Flop; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 掩模升压DC / DC转换
SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换
LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
TP3406 DASL Digital Adapter for Subscriber Loops; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL); Package: PLCC; No of Pins: 28 掩模升压DC / DC转换
Quad 2-Input AND Gate 2输入与门
Quad 2-Input OR Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box 掩模升压DC / DC转换
LP5952 350mA Dual Rail Linear Regulator; Package: MICRO SMD; No of Pins: 5 掩模升压DC / DC转换
DS90C241/DS90C124 5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray 掩模升压DC / DC转换
SMD,CAP,TANT,100UF,10V,7 343,ESR:0.1 掩模升压DC / DC转换
Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad D-Type Flip-Flop 掩模升压DC / DC转换
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-3; No of Pins: 2 掩模升压DC / DC转换
Quad 2-Input AND Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
Quad 2-Input OR Gate 2输入或门
LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换
LMH0340, LMH0040, LMH0070, LMH0050 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface 掩模升压DC / DC转换
VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-39; No of Pins: 3 掩模升压DC / DC转换
TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver; Package: CERDIP; No of Pins: 28 掩模升压DC / DC转换
MCP809/MCP810 3-Pin Microprocessor Reset Circuits; Package: SOT-23; No of Pins: 3 掩模升压DC / DC转换
SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换
PSM Step-up DC/DC Converter 掩模升压DC / DC转换
LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 200V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 100V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 600V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
TP3420A ISDN S/T Interface Device; Package: PLCC; No of Pins: 20 掩模升压DC / DC转换
LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support 掩模升压DC / DC转换
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: SOIC WIDE; No of Pins: 28 掩模升压DC / DC转换
CONN N PLUG CRIMP RG-8,213
CONN N PLUG STR CRIMP RG-142
CONN N STR CRIMP RG-8,213 COAX
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 28
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier; Package: SC-70; No of Pins: 5
SCANSTA101 Low Voltage IEEE 1149.1 STA Master; Package: FBGA; No of Pins: 49
SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6; Package: TQFP; No of Pins: 48
WIRE, PTFE, A, YELLOW, 7/0.12MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Yellow; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
WIRE, PTFE, A, BROWN, 7/0.12MM, 25M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN; Package: LQFP; No of Pins: 64
8-Input Multiplexer with 3-STATE Output; Package: SOIC; No of Pins: 16; Container: Rail
CABLE, COAX, RG174, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:148dB; Attenuation, 400MHz:80dB; Capacitance:100pF/m; Conductor make-up:7/0.160 mm; Diameter, External:2.8mm; Impedance:50R; Length, Reel RoHS Compliant: Yes
SYSTEM 4 ADJUSTABLE HANDLE
SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with -TRISTATE Outputs; Package: FBGA; No of Pins: 64
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel
8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Rail
DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
8-Bit D-Type Flip-Flop; Package: DIP; No of Pins: 24; Container: Rail
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail
8-Bit D-Type Flip-Flop; Package: TSSOP; No of Pins: 24; Container: Tape & Reel
8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Tape & Reel
Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel
10-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85
8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
8-Bit Identity Comparator; Package: DIP; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: TSSOP; No of Pins: 20; Container: Tape & Reel
DS99R103/DS99R104 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
CLC014 Adaptive Cable Equalizer for High Speed Data Recovery
MM145453 Liquid Crystal Display Driver; Package: PLCC; No of Pins: 44
LMH0346 3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
MM5452/MM5453 Liquid Crystal Display Drivers; Package: PLCC; No of Pins: 44
SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49
Dual D-Type Positive Edge-Triggered Flip-Flop
LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SC-70; No of Pins: 5
MAX660 Switched Capacitor Voltage Converter; Package: SOIC NARROW; No of Pins: 8
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: MDIP; No of Pins: 40
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Rail
TP3406 DASL Digital Adapter for Subscriber Loops; Package: PLCC; No of Pins: 28
LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray
LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: LAMINATE CSP; No of Pins: 28
TP3465 MICROWIRE(TM) Interface Device (MID); Package: PLCC; No of Pins: 28
TP3155 Time Slot Assignment Circuit; Package: PLCC; No of Pins: 20
TP11368 Octal Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: MDIP; No of Pins: 8
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: SOIC NARROW; No of Pins: 8
STA400EP Enhanced Plastic Dual 2:1 Analog Mux with IEEE 1149.4; Package: TSSOP; No of Pins: 20
SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196
NS16C2552/NS16C2752 Dual UART with 16-byte/64-byte FIFO's and up to 5 Mbit/s Data Rate; Package: PLCC; No of Pins: 44
SCAN15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 48
PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44
PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44
Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Tape & Reel
Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: DIP; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Tape & Reel
Synchronous Presettable Binary Counter; Package: TSSOP; No of Pins: 16; Container: Tape & Reel
Distribution Riser Series, UL OFNR/CSA FT4, Multimode FX300, 62.5 m, 6 fibers
Hex D Flip-Flop with Master Reset; Package: DIP; No of Pins: 16; Container: Rail
Hex D Flip-Flop with Master Reset; Package: TSSOP; No of Pins: 16; Container: Rail
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel
Quad 2-Input AND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel
Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel
Quad 2-Input NAND Gate; Package: DIP; No of Pins: 14; Container: Rail
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
CAP, NSPE470M16V8X10.8TR13 47UF 16V 20% LOW ESR, HIGH RIPPLE CURRENT, ELECTROLYT
CAP,AL,ELECT,RAD,20%,10UF,16V,0.1LS
CABLE, COAX, RG178PE, BLACK, 50M; Length, Reel (Imperial):164ft; Attenuation, 1 GHz:151dB; Attenuation, 10 MHz:19dB; Attenuation, 200 MHz:63dB; Attenuation, 400MHz:92dB; Capacitance:100pF/m; Colour, secondary insulation:Black; RoHS Compliant: Yes
1-of-8 Decoder/Demultiplexer; Package: SOP; No of Pins: 16; Container: Tape & Reel
Dual JK Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 16; Container: Rail
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Rail
8-Input Multiplexer; Package: SOP; No of Pins: 16; Container: Rail
1-of-8 Decoder/Demultiplexer; Package: DIP; No of Pins: 16; Container: Rail
TP3094 COMBO Quad PCM Codec/Filter; Package: PLCC; No of Pins: 44
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: SOIC WIDE; No of Pins: 20
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: MDIP; No of Pins: 20
TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family; Package: MDIP; No of Pins: 16
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: PLCC; No of Pins: 20
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: PLCC; No of Pins: 20
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: MDIP; No of Pins: 16
SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: TQFP; No of Pins: 100
SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: FBGA; No of Pins: 100
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: TSSOP; No of Pins: 14
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: MINI SOIC; No of Pins: 8
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOIC NARROW; No of Pins: 14
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SC-70; No of Pins: 5
LPC662 Low Power CMOS Dual Operational Amplifier; Package: SOIC NARROW; No of Pins: 8
6-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85
Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel
Vishay Intertechnology, Inc.
TE Connectivity, Ltd.
Maxim Integrated Products, Inc.
Global Mixed-mode Technology, Inc.
Global Mixed-mode Technology Inc.
GMT[Global Mixed-mode Technology Inc]
Global Mixed-mode Technolog...
Global Mixed-mode Techn...
 
 Related keyword From Full Text Search System
1300900009 prezzo baumer 1300900009 Vcc 1300900009 Channel 1300900009 rectifier 1300900009 adc
1300900009 Cycle 1300900009 power suppiy 1300900009 Pin 1300900009 channel 1300900009 GaAs Hall Device
 

 

Price & Availability of 1300900009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.14226222038269