PART |
Description |
Maker |
NTE5232A NTE5174A NTE5191A NTE5191AK NTE5205AK NTE |
Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 170V. Zener test current Izt = 15mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 150V. Zener test current Izt = 17mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 130V. Zener test current Izt = 19mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 110V. Zener test current Izt = 23mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 100V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 87V. Zener test current Izt = 29mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 37mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 60V. Zener test current Izt = 43mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 51V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 47V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 43V. Zener test current Izt = 60mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 36V. Zener test current Izt = 70mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 30V. Zener test current Izt = 85mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 27V. Zener test current Izt = 95mA. Zener Diode, 10 Watt ±5% Tolerance Zener Diode, 10 Watt 【5% Tolerance Zener Diode 10 Watt 5% Tolerance Zener Diode / 10 Watt 5% Tolerance Zener Diode, 10 Watt % Tolerance Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 28V. Zener test current Izt = 90mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 33V. Zener test current Izt = 75mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 39V. Zener test current Izt = 65mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 45V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 50V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 56V. Zener test current Izt = 45mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 62V. Zener test current Izt = 40mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 75V. Zener test current Izt = 33mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 91V. Zener test current Izt = 28mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 105V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 120V. Zener test current Izt = 20mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 140V. Zener test current Izt = 18mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 160V. Zener test current Izt = 16mA.
|
NTE[NTE Electronics] NTE Electronics, Inc. Sony, Corp.
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|
74AHCT259D 74AHC259D 74AHC259PW 74AHCT259PW HCT259 |
Zener Diode; Zener Voltage Typ, Vz:2.7V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:DO-35; Breakdown Voltage Max:2.7V; Forward Current:200A; Leakage Current Max:100uA; Mounting Type:Through Hole 8位可寻址锁存 8-bit addressable latch
|
NXP Semiconductors N.V.
|
|