PART |
Description |
Maker |
NTE5232A NTE5174A NTE5191A NTE5191AK NTE5205AK NTE |
Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 170V. Zener test current Izt = 15mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 150V. Zener test current Izt = 17mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 130V. Zener test current Izt = 19mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 110V. Zener test current Izt = 23mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 100V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 87V. Zener test current Izt = 29mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 37mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 60V. Zener test current Izt = 43mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 51V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 47V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 43V. Zener test current Izt = 60mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 36V. Zener test current Izt = 70mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 30V. Zener test current Izt = 85mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 27V. Zener test current Izt = 95mA. Zener Diode, 10 Watt ±5% Tolerance Zener Diode, 10 Watt 【5% Tolerance Zener Diode 10 Watt 5% Tolerance Zener Diode / 10 Watt 5% Tolerance Zener Diode, 10 Watt % Tolerance Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 28V. Zener test current Izt = 90mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 33V. Zener test current Izt = 75mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 39V. Zener test current Izt = 65mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 45V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 50V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 56V. Zener test current Izt = 45mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 62V. Zener test current Izt = 40mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 75V. Zener test current Izt = 33mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 91V. Zener test current Izt = 28mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 105V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 120V. Zener test current Izt = 20mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 140V. Zener test current Izt = 18mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 160V. Zener test current Izt = 16mA.
|
NTE[NTE Electronics] NTE Electronics, Inc. Sony, Corp.
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|
PWR4412-2S PWR4412-2SBR0300J PWR4412-2SDR0100J PWR |
Bare Metal Element Resistor RES CURRENT SENSE .01 OHM 5W 5% RESISTOR, CURRENT SENSE, 5 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 1W 1% RESISTOR, CURRENT SENSE, 1 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 3W 5% RESISTOR, CURRENT SENSE, 3 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 1W 5% RESISTOR, CURRENT SENSE, 1 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 3W 1% RESISTOR, CURRENT SENSE, 3 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 5W 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT Power Resistors 0.015ohm 3watt 1% RESISTOR, CURRENT SENSE, 3 W, 1 %, 20 ppm, 0.015 ohm, THROUGH HOLE MOUNT Power Resistors 0.005ohm 5watt 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.005 ohm, THROUGH HOLE MOUNT Power Resistors 0.015ohm 5watt 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.015 ohm, THROUGH HOLE MOUNT RESISTOR, FIXED, POWER RESISTOR, CURRENT SENSE, 5 W, 5 %, 20 ppm, 0.005 ohm, THROUGH HOLE MOUNT Power Resistors 0.025ohm 1watt 1% RESISTOR, CURRENT SENSE, 1 W, 1 %, 20 ppm, 0.025 ohm, THROUGH HOLE MOUNT
|
Bourns Electronic Solutions Bourns, Inc.
|
XL6001 |
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
|