PART |
Description |
Maker |
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LRC12JTRWAR010 LRC10JTRWAR010 LRC06JTRWAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd.
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
MP5018 |
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
|
Monolithic Power System...
|