PART |
Description |
Maker |
PP1300SC-1 |
Thyristor, Thyristor, 120V Forward Blocking Voltage, 1A On-State Current, 70mA Holding Current, 1420A RMS Current
|
Protek Devices
|
LA305-S |
Current Transducer LA 305-S Sensor, Closed Loop Current Transducer, Primary Nominal r.m.s Current IPN 300A
|
http:// LEM[LEM] LEM Components
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
KPY32-RK Q62705-K266 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|