PART |
Description |
Maker |
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
2SK2148-01R |
LED Mount; Bulb Size:T-1; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes N-channel MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
X100FF5 X100FF3 X150FF3 X150FF5 |
15000 V rectifier 50-420mA forward current,50 ns recovery time 10000 V rectifier 50-420mA forward current,50 ns recovery time 2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers List of Unclassifed Manufacturers
|
1N5618U 1N5622U 1N5614U 1N5620U |
600 V rectifier 1.5 A forward current, 2000 ns recovery time 1000 V rectifier 1.5 A forward current, 2000 ns recovery time 200 V rectifier 1.5 A forward current, 2000 ns recovery time 800 V rectifier 1.5 A forward current, 2000 ns recovery time
|
Voltage Multipliers
|
CH35-0009-S |
LED Panel Indicator; LED Color:Red; Luminous Intensity:100foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No 11分贝定向耦合0 - 500兆赫 11 dB Directional Coupler 10 - 500 MHz
|
Bourns, Inc. Tyco Electronics
|
558-0302-001F |
LED Lamp; Bulb Size:3mm; LED Color:Yellow; Luminous Intensity:12.6mcd; Viewing Angle:60 ; Forward Current:12mA; Forward Voltage:5V; Operating Temperature Range:-40 C to 85 C; Color:Yellow RoHS Compliant: Yes T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
Dialight PLC
|
1N6513LL 1N6515LL 1N6517LL |
2000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time 3000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time 5000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
610-3132-120 610-4132-120 |
LED Lamp; LED Color:Red; Luminous Intensity:250ucd; Forward Current:15mA; Forward Voltage:6V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No; Lens Style:(H x W) 36.83 x 15 mm; Lens Width:10 RoHS Compliant: No SINGLE COLOR LED, RED, 11.94 mm
|
Dialight Corporation
|