PART |
Description |
Maker |
34854 2-34854-1 |
TERMINAL, RING TONGUE, PLASTI-GRIP 终端,环舌,PLASTI
|
Electronic Theatre Controls, Inc.
|
2-34166-1 10054 8-34166-4 8-34166-1 |
TERMINAL, SPADE, PLASTI GRIP
|
Tyco Electronics
|
8-34853-1 8-34853-4 8-34853-5 2-34853-1 2-34853-4 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
List of Unclassifed Manufacturers ETC[ETC]
|
34856 34856-2 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
Tyco Electronics
|
8-34854-1 8-34854-4 8-34854-5 2-34854-1 2-34854-5 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
N/A ETC[ETC] List of Unclassifed Manufacturers
|
34151 |
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
|
Tyco Electronics
|
52963-4 52963-3 52963-2 52963-1 |
TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG
|
Tyco Electronics
|
8-34067-1 |
WIRE SPLICE PLASTI GRIP, BUTT, WIRE SIZE
|
Tyco Electronics
|
71349-1052 |
2.54mm (.100") Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, Shrouded40 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, without Press-fit Plasti
|
Molex Electronics Ltd.
|
71349-1056 |
2.54mm (.100") Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, Shrouded48 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, without Press-fit Plasti
|
Molex Electronics Ltd.
|
0877159309 |
1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76μm (30μ) Gold (Au) Plating, with Plastic Pegs 1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76楼矛m (30楼矛) Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
|