PART |
Description |
Maker |
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
LPC11E67JBD48 LPC11E68JBD100 LPC11E68JBD64 |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
|
NXP Semiconductors
|
LPC11A11FHN33 LPC11A14FHN33 LPC11A12FHN33 |
32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
LPC2210 LPC2220 |
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2210 LPC2210FBD144 |
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2294HBD144 LPC2294HBD144_00 LPC2294HBD144_01 LP |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
STM32F101C6 STM32F101C8 STM32F101R6 STM32F101R8 ST |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
AT91M40416-25CC AT91M40400 |
AT91 ARM Thumb RISC Microcontrollers(AT91 ARM Thumb???RISC寰???跺?) ARM Thumb Microcontroller
|
Atmel Corporation
|
W90N745 |
16/32-bit ARM microcontroller
|
Winbond
|
M058LAN M0516LAN M0516ZAN |
ARM Cortex?M0 32-BIT MICROCONTROLLER
|
Nuvotem Talema List of Unclassifed Manufacturers
|
HMS30C7210 |
ARM Based 32-Bit Microprocessor
|
List of Unclassifed Manufacturers
|