PART |
Description |
Maker |
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
LPC1815JBD144 LPC1817JBD144 LPC1825JET100 LPC1823J |
32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??024kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 104kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 136kB SRAM, Ethernet, LQFP144 package
|
NXP Semiconductors N.V.
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
LPC2294HBD144 LPC2294HBD144_00 LPC2294HBD144_01 LP |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
STM32F103C6 STM32F103C6T6 STM32F103C8 STM32F103C8T |
Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
|
STMicroelectronics
|
W90P710 W90P71005 |
16/32-bit ARM microcontroller
|
Winbond
|
LPC1764FBD100 LPC1765FBD100 LPC1766 LPC1766FBD100 |
32-bit ARM Cortex-M3 microcontroller;
|
List of Unclassifed Manufacturers
|
NUC130RC1CN NUC130RD2CN NUC130RD3CN NUC130LC1CN NU |
ARM Cortex?M0 32-BIT MICROCONTROLLER
|
List of Unclassifed Manufacturers
|