PART |
Description |
Maker |
LPC1115JBD48 LPC1114FBD48 LPC1111FDH20 LPC1111JHN3 |
32-bit ARM Cortex-M0 microcontroller??4kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, TSSOP20 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 4kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN33 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
LPC2290 LPC2290FBD144 |
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2214 LPC2214FBD144 LPC2212 LPC2212FBD144 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
W90N745 |
16/32-bit ARM microcontroller
|
Winbond
|
W90P710 W90P71005 |
16/32-bit ARM microcontroller
|
Winbond
|
W90N745CD |
16/32-bit ARM microcontroller
|
Winbond
|
W90N745CDG |
16/32-bit ARM microcontroller
|
Winbond
|
LPC2214FBD144_00 LPC2214FBD144_01 LPC2212FBD144_00 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface; Package: SOT486-1 (LQFP144); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP144
|
NXP Semiconductors N.V.
|
NUC100RE3AN |
ARM Cortex?M0 32-BIT MICROCONTROLLER
|
Nuvotem Talema
|