PART |
Description |
Maker |
HIF7-80PA-1.27DSAL HIF7-80PA-1.27DSL HIF7-100DA-1. |
1.27mm (.050) MINIATURE CONNECTORS 1.27毫米050)微型连接器 Time-Delay Relay; Time Range:; Mounting Type:Plug In; Timing Function:Interval; Leaded Process Compatible:Yes; Load Current Max:1A; Relay Mounting:Plug-In; Supply Voltage:12VDC; Time Range Max:30s; Time Range Min:0.1s RoHS Compliant: Yes 1.27mm (.050) MINIATURE CONNECTORS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
A67L7332SERIES A67L7336SERIES A67L8316SERIES A67L8 |
Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 128K x 32 LVTTL, pipelined DBA SRAM 256K X 16/18. 128K X 32/36 LVTTL. Pipelined DBA SRAM 256 × 16/18128K的X 32/36 LVTTL等级。流水线数据库管理员的SRAM 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM Cycle time:7ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7.5ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:8.5ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM
|
AMIC Technology, Corp.
|
PCF2123TS/1118 |
SPI Real time clock/calendar, SOT402-1 (TSSOP14), Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO14
|
NXP Semiconductors N.V.
|
ISL1221IUZ-T |
Low Power RTC with Battery Backed Real Time Clock/Calendar with Event Detection and Frequency Output REAL TIME CLOCK, PDSO10
|
Intersil Corporation Intersil, Corp.
|
PCF8563BS/4118 |
Real-time clock/calendar; Package: SOT650-1 (HVSON10); Container: Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO10
|
NXP Semiconductors N.V.
|
PCA8565 PCA8565BS PCA8565TS PCA8565BS/1118 PCA8565 |
Real time clock/calendar; Package: SOT650-1 (HVSON10); Container: Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO10 Real time clock/calendar; Package: SOT505-1 (TSSOP8); Container: Reel Pack, SMD, 13" 1 TIMER(S), REAL TIME CLOCK, PDSO8
|
NXP Semiconductors N.V.
|
1N6612 1N6613 1N6614 1N6615 |
1000 V rectifier 1.5 A forward current, 70 ns recovery time 800 V rectifier 1.5 A forward current, 70 ns recovery time 600 V rectifier 1.5 A forward current, 70 ns recovery time 400 V rectifier 1.5 A forward current, 70 ns recovery time 400 V - 1,000 V Rectifiers
|
Voltage Multipliers Electronic Theatre Controls, Inc.
|
ISL120291012 ISL12029AIB27Z ISL12029AIV27Z ISL1202 |
Real Time Clock/Calendar with I2C Bus and EEPROM Real Time Clock/Calendar with EEPROM 1 TIMER(S), REAL TIME CLOCK, PDSO14
|
Intersil Corporation Intersil, Corp.
|
IR3475MTRPBF IR3475MTR1PBF 2R5TPE330M9 C1608X5R1A2 |
10A Highly Integrated SupIRBuck Constant On.Time Control 10A Programmable High Freq Sync Buck Regulator with onboard constant on time hysteretic controller and MOSFETs Compensation Loop not Required
|
International Rectifier International Rectifier, Corp.
|
LPS-RK-100SP LPS-RK-110SP LPS-RK-125SP LPS-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 100A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 450A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER Dual-Element, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
|