PART |
Description |
Maker |
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
PHN210T |
Dual N-channel TrenchMOS intermediate level FET 3.4 A, 30 V, 0.1 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
NXP Semiconductors N.V.
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
PHP206 |
Dual P-channel enhancement mode MOS transistor 5600 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FDG6313N FDG6313NNL |
25V Dual N-Channel, Digital FET 500 mA, 25 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp.
|
TD9944 TD9944TG |
Dual N-Channel Enhancement-Mode Vertical DMOS FETs 240 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
Supertex, Inc. SUTEX[Supertex, Inc]
|
SIZ730DT-T1-GE3 |
N-Channel 30 V (D-S) MOSFETs 35 A, 30 V, 0.0053 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
|