PART |
Description |
Maker |
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
A-1865-06311-UNILAPISO5KV |
INSULATION TESTER 5KV 5kV的绝缘测试仪
|
Bourns, Inc.
|
ADUM3190 |
2.5kV rms Isolated Error Amplifier
|
Analog Devices
|
TP10AS TP10AS220D05 TP10AS220D05P05 TP10AS220D05P0 |
10W 2.5KV Isolation Wide Input AC/DC Converters
|
Toppower Electronic Tec...
|
SDA20000F SDA25000F SDA2500F SDA7500F SDA10000F SD |
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
HCNW4506 |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,DIP
|
Agilent
|
MAX3160E |
+5kV ESD-Protected, +3.0V to +5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
|
Maxim Integrated Products
|
PS2401 |
PS2401A1 NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP
|
NEC Electronics Corp
|
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX3202E MAX3202EEB MAX3202EET MAX3203 MAX3203EEB |
Low-Capacitance 2/3/4/6-Channel 15kV ESD Protection Arrays for High-Speed Data Interfaces "Six-channel, 5pF, ?5kV ESD Protection Diodes" "Quad, 5pF, ?5kV ESD Protection Diodes" "Dual, 5pF, ?5kV ESD Protection Diodes" Low-Capacitance / 2/3/4/6-Channel / 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|