PART |
Description |
Maker |
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI-506A07 HI3-0508A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
DMN5L06VAK DMN5L06VK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Inc. Diodes, Inc.
|
SIZ704DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 9.4 A, 30 V, 0.024 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
SIZ702DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 13.8 A, 30 V, 0.012 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
2SJ325 2SJ325-Z-E2 2SJ325-Z-E2JM 2SJ325-Z-T1 2SJ32 |
P-channel enhancement type SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 4A I(D) | TO-252VAR
|
NEC Corp.
|
|