PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PEMH15115 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
DS1339U-33 DS1339U-33_ DS1339 DS1339C-2 DS1339C-2_ |
I2C Serial Real-Time Clock TRANS NPN BIPOL DUAL 160V SOT363 TRANS NPN DARL 40V SMD SOT-23 TRANSISTOR, NPN, SWITCHING , GENERAL PURPOSE, 3-PIN SOT-23 TRANS NPN 160V 350MW SMD SOT-23
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr http://
|