PART |
Description |
Maker |
JAN1N5300U JANS1N5314UR-1 1N5283UR-1 1N5284UR-1 1N |
Current Limiter Diode Single Inverter Gate 5-SOT-23 -40 to 85 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.43 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB 4-Pin DIP Phototransistor Output Optocoupler 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 3.6 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.27 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 4.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.33 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.91 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.39 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB Pulse-Width-Modulation (Pwm) Control Circuit 16-SOIC 0 to 70 CURRENT REGULATOR DIODES
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
1N974B 1N963B 1N965B 1N962B 1N970B 1N960B 1N968D 1 |
0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 30V. Test current 4.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 75V. Test current 1.7mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 39V. Test current 3.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 160V. Test current 0.80mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -20% tolerance. 0.5W SILICON ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) PC 4/ 5-ST-7,62 .5W硅稳压二极管 Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 200V. Test current 0.65mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 7.5V. Test current 16.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 130V. Test current 0.95mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 51V. Test current 2.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 47V. Test current 2.7mA. -10% tolerance.
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. Semtech, Corp. 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic D...
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
MP5018 |
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
|
Monolithic Power System...
|
LTC1206CN8 LT1395 LT1210 LT1206CT7 LT120611 LT1207 |
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current diode
|
Linear Technology 3M Electronics
|
|