PART |
Description |
Maker |
2SD1572 |
Silicon NPN Triple Diffused(涓???╂?NPN?朵?绠? 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Hitachi,Ltd.
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SD946 2SD946A 2SD946AQ 2SD946AR 2SD950 2SD951 2SD |
Si NPN triple diffused junction mesa . Line-operated horizontal deflection output. SI NPN EPITAXIAL PLANAR DARLINGTON 1 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126
|
PANASONIC[Panasonic Semiconductor] Panasonic, Corp.
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BP103 Q62702-P79-S4 BP103-2 BP103-3 BP103-4 BP103- |
From old datasheet system NPN-Silizium-Fototransistor Silicon NPN Phototransistor PHOTO TRANSISTOR DETECTOR NPN-Silizium-Fototransistor Silicon NPN Phototransistor Silizium - Fototransistor硅npn型光电晶体管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|