PART |
Description |
Maker |
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
STTH5L06FP STTH5L06D STTH5L06BDF STTH5L06B-TR STTH |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-18 (STTH5L06x) TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SDHF7.5KM SDHF2.5KM |
High Density,High Voltage,Fast Recovery Rectifier(反向电压7500V,温5℃时平均正向电流1A,高密高电快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
JHV3780 JHV37 JHV3712 JHV3716 JHV3720 JHV3724 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 60000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
STTH5L06 STTH5L06RL -STTH5L06RL |
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 透平2超快高压整流 TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER
|
STMicroelectronics N.V. ST Microelectronics
|
S2HVS7.5 S2HVS2.5 S2HVS5 |
High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
S2HVM2.5 S2HVM10 S2HVM12.5 S2HVM15 S2HVM7.5 S2HVM5 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压2500V,高压,高密度,标准恢复整流器部 High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压12500V,高压,高密度,标准恢复整流器部 High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部
|
http:// Semtech Corporation
|
MSARS200S20LP MSARS200S20LRP |
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER 200 A, 200 V, SILICON, RECTIFIER DIODE HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER Standard Rectifier (trr more than 500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
M100K |
High Voltage Power Rectifiers / High Voltage Rectifier Diodes
|
Facon Semiconductor
|
STTH60L06TV06 STTH60L06TV2 STTH60L06TV1 |
40 A, 600 V, SILICON, RECTIFIER DIODE Turbo 2 ultrafast high voltage rectifier Turbo 2 ultrafast high voltage rectifier
|
STMicroelectronics
|
VP12 HVP10 HVP12 HVP14 HVP15 HVP16 HVP5 HVP8 |
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes) 0.75 A, 16000 V, SILICON, SIGNAL DIODE HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes) 高压ASSEMBLIED整流(电压范0006000伏特,电.75安培
|
RECTRON[Rectron Semiconductor]
|
STPS15H100C_06 STPS15H100C STPS15H100CB STPS15H100 |
7.5 A, 100 V, SILICON, RECTIFIER DIODE High voltage power Schottky rectifier
|
STMICROELECTRONICS[STMicroelectronics]
|