PART |
Description |
Maker |
PNP3055E |
PowerMOS transistor. Drain-source voltage 60 V. Drain current(DC) 12 A.
|
Philips
|
MAX6315US25D1-T MAX6315US25D2-T MAX6315US25D3-T MA |
Open-Drain SOT μP Reset Circuit Open-Drain SOT 渭P Reset Circuit Open-Drain SOT P Reset Circuit Cartridge Fuse; Current Rating:20A; Voltage Rating:600V; Fuse Type:Time Delay; Diameter:20.574mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:57.15mm; Peak Reflow Compatible (260 C):No; Series:LPJ RoHS Compliant: No SOCKET, 28 PIN, MACHINE, 0.6" WIDE, 0.1" L.S. 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-Drain SOT レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ADAPTER SOWIC TO DIP 24 POS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-drain microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] 电源管理 Maxim Integrated Products, Inc.
|
MIC6315-40D2U MIC6315-40D2UY MIC6315-40D3U MIC6315 |
Open-Drain 渭P Reset Circuit Open-Drain μP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Micrel Semiconductor http:// MICREL INC
|
MIC2210-1.6YML MIC2210-3.0 MIC2210-GSBML MIC2210-P |
Dual µCap LDO with Open-Drain Driver From old datasheet system Dual Cap LDO with Open-Drain Driver DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
ADM6711 ADM6711LAKS ADM6711MAKS ADM6711RAKS ADM671 |
XSTR, FET BS170TMOS SWITCHING PHOTO TRANSISTOR, NPN, SILICON; Channels, No. of:1; Output type:Transistor; Current, input:50mA; Voltage, output max:70V; Case style:3-TO-18; Mounting type:Through Hole RoHS Compliant: Yes 微处理器监控电路4引脚SC70 Microprocessor Supervisory Circuit in 4-Lead SC70 微处理器监控电路4引脚SC70 RES 1K-OHM 5% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA SENSOR, OPTICAL, TRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:0.5A; On-Resistance, Rds(on):2mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-92; Drain-Source Breakdown Voltage:60V RoHS Compliant: No Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Push-Pull Output Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Open-Drain Output
|
Analog Devices, Inc. AD[Analog Devices]
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M54HC09 M54HC09F1R M74HC09B1R M74HC09C1R M74HC09M1 |
From old datasheet system QUAD 2-INPUT AND GATE (OPEN DRAIN) QUAD 2-INPUT AND GATE OPEN DRAIN
|
STMICROELECTRONICS[STMicroelectronics]
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
NL17SZ06DFT2 NL17SZ06DFT2G NL17SZ06XV5T2 NL17SZ06 |
Single Inverter Open Drain Single Inverter with Open Drain Outputs
|
ONSEMI[ON Semiconductor]
|
IL610A-1E IL612A-3E IL610A-2E IL611A-3E |
1-Channel Passive Input, Open-Drain Isolator, MSOP SPECIALTY INTERFACE CIRCUIT, PDSO8 2-Channel Passive Input, Open-Drain Isolator, SOIC SPECIALTY INTERFACE CIRCUIT, PDSO8 1-Channel Passive Input, Open-Drain Isolator, PDIP SPECIALTY INTERFACE CIRCUIT, PDIP8
|
NVE, Corp. NVE CORP
|