PART |
Description |
Maker |
HGN-375-10M-F1 HGN-375-10M-F2 HGN-375-4M-F1 HGN-37 |
IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, QUICK CONNECT, PLUG 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, QUICK CONNECT, PLUG
|
PowerDynamics, Inc POWER DYNAMICS INC
|
D09S33E4GX00LF 609-1487 D09S33E6GX00LF C01-8646-01 |
SOKET CONNECT. DELTA D RIGHT ANGLE WITH NUT, HARPOON AND METAL PLATE SOCKET CONNECT,DELTA D RIGHT ANGLE WITH NUT. HARPOON AND METAL PLATE
|
FCI connector
|
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
OD-28HQ |
WR28 QUICK CONNECT
|
Advanced Technical Materials Inc.
|
AN442 |
The aim of this note is to show how to connect
|
STMicroelectronics
|
LEDINT102 |
LEDambient TUNING LIGHTS CONNECT
|
OSRAM GmbH
|
82562V |
10/100 Mbps Platform LAN Connect
|
Intel Corporation
|
PM5389 |
SONET/SDH Wideband Cross-Connect
|
PMC-Sierra
|
PM5370 |
SONET/SDH Wideband Cross-Connect
|
PMC-Sierra, Inc
|
EP82562GT |
10/100 Mbps Platform LAN Connect
|
Intel
|
C01-8646-0163 D09S13B4PA00LF |
SOCKET CONNECT DELTA D RIGHT ANGLE SPILL WITHOUT ACCESSORIES.
|
FCI connector
|
SMJP-3V04W1P1 |
Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
|
Seoul Semiconductor
|