PART |
Description |
Maker |
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
KLU1S041-43-LF KLU1S041-43LF |
Reduced EMI radiation to improve EMI performance 10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
|
Bothhand USA, LP.
|
ASM3P5821A ASM3P5821A-ST |
3.3 V, 20 MHz to 34 MHz, low power peak EMI reduction solution From old datasheet system Low Power EMI Reduction IC 34 MHz, OTHER CLOCK GENERATOR, PDSO8 SOIC-8
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
XF20001W XF20001W-15 |
Data Line EMI Filters DATA LINE EMI FILERS
|
XFMRS Inc.
|
F.LL.D3.016A.SH.R6 F.LL.D3.070A.SN.R1 |
520 V, 50/60 HZ, THREE PHASE EMI FILTER 480 V, 50/60 HZ, THREE PHASE EMI FILTER
|
KEMET ELECTRONICS CORP
|
ADM206E ADM206EAR ADM207E ADM207EAN ADM207EAR ADM2 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors EMI-/EMC-Compliant -15 kV ESD Protected/ Dual RS-232 Port with Standby
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
HFCT-5964TG HFCT-5964TL HFCT-5964NG HFCT-5964NL HF |
HFCT-5964ATG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5964ATL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5964NG · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964NL · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5964TG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964TL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) NEL[Nel Frequency Controls,inc]
|